Part Number Hot Search : 
IRF634NL BC860 D1020 8A25GS SM5866AS 25RF53 1KSMBJ30 SA2104
Product Description
Full Text Search
 

To Download 2SC4250 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  2SC4250 2003-03-19 1 toshiba transistor silicon npn epitaxial planar type 2SC4250 tv vhf mixer applications  high conversion gain: g ce = 25db (typ.)  low reverse transfer capacitance: c re = 0.45 pf (typ.) maximum ratings (ta     25c) characteristics symbol rating unit collector-base voltage v cbo 30 v collector-emitter voltage v ceo 20 v emitter-base voltage v ebo 3 v collector current i c 50 ma base current i b 25 ma collector power dissipation p c 100 mw junction temperature t j 125 c storage temperature range t stg  55~125 c electrical characteristics (ta     25c) characteristics symbol test condition min typ. max unit collector cut-off current i cbo v cb  25 v, i e  0   100 na emitter cut-off current i ebo v eb  3 v, i c  0   1000 na collector-emitter breakdown voltage v (br) ceo i c  1 ma, i b  0 20   v dc current gain h fe v ce  10 v, i c  5 ma 40 150 300 reverse transfer capacitance c re v cb  10 v, i e  0, f  1 mhz  0.45 0.6 pf transition frequency f t v ce  10 v, i c  5 ma 900 1400  mhz conversion gain g ce 20 25  db noise figure nf v cc  12 v, f  200 mhz, f l  260 mhz (figure 1)  4.3 6 db unit: mm jedec D jeita sc-70 toshiba 2-2e1a weight: 0.006 g (typ.)
2SC4250 2003-03-19 2 l 1 : 0.8 mm  silver plated copper wire, 1.5 t 5 mm id l 2 : coil with core scn-5962a (1)-(3) (toko inc.) or equivalent c: air trimmer tta25a200a (murata manufacturing. co., ltd.) or equivalent marking figure 1 200 mhz g ce , nf test circuit
2SC4250 2003-03-19 3
2SC4250 2003-03-19 4
2SC4250 2003-03-19 5  toshiba is continually working to improve the quality and reliability of its products. nevertheless, semiconductor devices in general can malfunction or fail due to their inherent electrical sensitivity and vulnerability to physical stress. it is the responsibility of the buyer, when utilizing toshiba products, to comply with the standards of safety in making a safe design for the entire system, and to avoid situations in which a malfunction or failure of such toshiba products could cause loss of human life, bodily injury or damage to property. in developing your designs, please ensure that toshiba products are used within specified operating ranges as set forth in the most recent toshiba products specifications. also, please keep in mind the precautions and conditions set forth in the ?handling guide for semiconductor devices,? or ?toshiba semiconductor reliability handbook? etc..  the toshiba products listed in this document are intended for usage in general electronics applications (computer, personal equipment, office equipment, measuring equipment, industrial robotics, domestic appliances, etc.). these toshiba products are neither intended nor warranted for usage in equipment that requires extraordinarily high quality and/or reliability or a malfunction or failure of which may cause loss of human life or bodily injury (?unintended usage?). unintended usage include atomic energy control instruments, airplane or spaceship instruments, transportation instruments, traffic signal instruments, combustion control instruments, medical instruments, all types of safety devices, etc.. unintended usage of toshiba products listed in this document shall be made at the customer?s own risk.  the information contained herein is presented only as a guide for the applications of our products. no responsibility is assumed by toshiba corporation for any infringements of intellectual property or other rights of the third parties which may result from its use. no license is granted by implication or otherwise under any intellectual property or other rights of toshiba corporation or others.  the information contained herein is subject to change without notice. 000707ea a restrictions on product use


▲Up To Search▲   

 
Price & Availability of 2SC4250

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X